inductors (coils) 1 of 3 creation date : august 29, 2017 (gmt) MLZ2012N150LT000 applications commercial grade feature shield magnetic shield multilayer multilayer ferrite core ferrite core series | type mlz status production brand tdk size length(l) 2.00mm 0.20mm width(w) 1.25mm 0.20mm thickness(t) 1.25mm 0.20mm recommended land pattern (a) 0.80mm nom. recommended land pattern (b) 1.00mm nom. recommended land pattern (c) 1.20mm nom. electrical characteristics inductance 15h 20% at 2mhz rated current (l change) [typ.] rated current (l change) [max.] 90ma (50% down) rated current (temperature rise) [typ.] 350ma (20c rise) rated current (temperature rise) [max.] 90ma (20c rise) dc resistance [typ.] 470m dc resistance [max.] 611m self resonant frequency [min.] self resonant frequency [typ.] q [min.] q [typ.] other operating temp. range (including self-temp. rise) -55 to 125c soldering method wave (flow) re?ow iron soldering aec-q200 no packing blister (plastic)taping [180mm reel] package quantity 2000pcs weight 0.014g ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
inductors (coils) 2 of 3 creation date : august 29, 2017 (gmt) MLZ2012N150LT000 characteristic graphs (this is reference data, and does not guarantee the products characteristics.) impedance MLZ2012N150LT000 rac MLZ2012N150LT000 inductance MLZ2012N150LT000 q MLZ2012N150LT000 temperature rise by dc MLZ2012N150LT000 (amb. temp. = 20 c) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
inductors (coils) 3 of 3 creation date : august 29, 2017 (gmt) MLZ2012N150LT000 associated images land pattern (terminal connection) ! images are for reference only and show exemplary products. ! this pdf document was created based on the data listed on the tdk corporation website. ! all speci?cations are subject to change without notice. copyright(c) tdk corporation. all rights reserved.
|